|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
HTC-15M, HTC-140M & HTC-150M 5 x 20mm Fuse Block & Covers Environmental Data * Maximum suitable temperature: 110C * MSL Level 1 (conditions < 30C / 85% RH) Ordering * Specify packaging and product catalog number Specifications Block Description * For 5 x 20mm fuses * Tight cluster mounting * Clips made of nickel-tin plated spring-bronze * Available only in bulk of 100 and 1,000 pieces * High temperature thermoplastic meets: * UL 94V0 * Glow wire test: 960C per IEC 695-2-1 Snap-On Cover Description * HTC-140M (opaque cover) UL 94V0 * HTC-150M (transparent cover) UL 94V2 Catalog Number HTC-15M Voltage Rating AC 250V Current Rating AC 6.3A Watts 1.6W Agency Information * UL Recognized: IZLT2, E14853 * VDE Certificate: 40004439 Dimensions - in (mm) HTC-15M Fuse Block Only Drawing Not to Scale 0.217" 0.531" (13.5mm) (5.5mm) Dimensions - in (mm) HTC-150M or HTC-140M Cover Drawing Not to Scale 0.890" (22.6mm) 0.177" (4.5mm) 1.047" (26.6mm) 0.345" (9.0mm) 0.571" (14.5mm) HTC-150M or HTC-140M Cover Component Clip Body Material Spring-Bronze, Bright Tin Plate Thermoplastic Catalog No. HTC-15M HTC-140M HTC-150M Packaging Code Catalog Number Prefix BK/ (100 pieces) or BK1/ (1000 pieces) BK/ (100 pieces) or BK1/ (1000 pieces) BK/ (100 pieces) Mounting Holes Mounting Holes 0.89" (22.60mm) 0.059" + 0.002" Dia. (Typ.) _ + (1.50 _ 0.05mm) This bulletin is intended to present product design solutions and technical information that will help the end user with design applications. Cooper Bussmann reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Cooper Bussmann also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications. Life Support Policy: Cooper Bussmann does not authorize the use of any of its products for use in life support devices or systems without the express written approval of an officer of the Company. Life support systems are devices which support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. (c) 2007 Cooper Bussmann S t . L o u i s, M O 6 3 1 7 8 w w w. c o o p e r bu s s m a n n . c o m 1207 BU-SB07218 Page 1 of 1 Data Sheet 4317 |
Price & Availability of HTC-140M |